Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U10026 Arkusz danych(PDF) 1 Page - Ultralife Corporation.

Numer części U10026
Szczegółowy opis  3 Volt, D-Size Cell High Capacity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ULTRALIFE [Ultralife Corporation.]
Strona internetowa  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

U10026 Arkusz danych(HTML) 1 Page - Ultralife Corporation.

  U10026 Datasheet HTML 1Page - Ultralife Corporation. U10026 Datasheet HTML 2Page - Ultralife Corporation. U10026 Datasheet HTML 3Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Specifications
Part No.
U10026
U10026-T1: optional Ni tabs
NSN
6135-01-566-1034
Voltage Range
1.5 to 3.3V
Average Voltage
3.0V
Nominal Capacity
13.0Ah @ 250mA to 2.0V @ 23°C
Max. Discharge
3.3A continuous
Pulse Capability
Up to 7.0A
Varies according to pulse
characteristics, temperature, cell history and the
application. Consult Ultralife.
Weight
122g
Operating Temperature
-40°C to 72°C
Storage Temperature
-40°C to 95°C
Exterior/Housing
Hermetic Ni-plated steel can with Mylar sleeve
Terminals/Connector
Flat Ni-plated +/- End Caps
Safety
Material Safety Datasheet - MSDS023
Transportation
Class 9 - International (see note)
Note
A complete description of transportation
regulations, lithium weights and transportation
classifications is available on the Ultralife website.
Features
• Same high capacity as Li-SOCI2 spiral
wound cells
• High energy density
• No voltage delay
• Wide operating temperature range
• Lightweight
• Up to 10-year shelf life
• Long operating life
• Flat Ni-plated +/- End Caps
Applications
• Automotive electronics / telematics
• Alarm and security devices
• Search and rescue devices
• Military communications, detectors &
imaging
• Medical devices
• Automatic meter readers (AMR)
• M2M (Machine to Machine)
communications
• GPS / Mobile asset tracking
3 Volt, D-Size Cell High Capacity
Technical Datasheet
3 Volt, D-Size Cell High Capacity
Newark, New York | 315-332-7100 | Fax: 315-331-7800
©2014 Ultralife Corporation • www.ultralifecorp.com • All information is subject to change without notice.
The information contained herein is for reference only and does not constitute a warranty of performance. • 30 OCT 14 UBM-05226 Rev: C


Podobny numer części - U10026

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ultralife Corporation.
U10020 ULTRALIFE-U10020 Datasheet
571Kb / 2P
   Wide operating temperature range
Rev: G
U10021 ULTRALIFE-U10021 Datasheet
620Kb / 2P
   Wide operating temperature range
Rev: F
U10022 ULTRALIFE-U10022 Datasheet
620Kb / 2P
   Wide operating temperature range
Rev: F
U10023 ULTRALIFE-U10023 Datasheet
620Kb / 2P
   Wide operating temperature range
Rev: F
U10024 ULTRALIFE-U10024 Datasheet
620Kb / 2P
   Wide operating temperature range
Rev: F
More results

Podobny opis - U10026

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tadiran Batteries GmbH
TLM-1520HPM TADIRN-TLM-1520HPM Datasheet
303Kb / 1P
   High power 4 Volt cell
TLM-1530HPM TADIRN-TLM-1530HPM Datasheet
308Kb / 1P
   High power 4 Volt cell
logo
Nihon Kaiheiki Industry...
S821 NKK-S821 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
logo
Tadiran Batteries GmbH
TLM-1550HPM TADIRN-TLM-1550HPM Datasheet
330Kb / 1P
   High power 4 Volt cell
logo
saftbatteries
LM33550 SAFT-LM33550 Datasheet
343Kb / 2P
   3 V Primary lithium-manganese dioxide High power D-size spiral cell
logo
Nihon Kaiheiki Industry...
S301 NKK-S301 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Ultralife Corporation.
UHR-ER34615-H ULTRALIFE-UHR-ER34615-H Datasheet
272Kb / 2P
   D size spiral cell (power type)
Rev: -
UHE-ER34615-H ULTRALIFE-UHE-ER34615-H Datasheet
289Kb / 2P
   D size bobbin cell (energy type)
Rev: -
UHR-ER34615-X ULTRALIFE-UHR-ER34615-X Datasheet
452Kb / 2P
   D size spiral cell (Generation X)
Rev: A
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com