| Zakładka z wyszukiwarką danych komponentów |
|
STM32L072VZ Arkusz danych(PDF) 135 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072VZ Arkusz danych(HTML) 135 Page - STMicroelectronics |
|
135 / 160 page ![]() DS10689 Rev 5 135/160 STM32L072xx Package information 155 7.5 TFBGA64 package information Figure 53. TFBGA64 – 64-ball, 5 x 5 mm, 0.5 mm pitch thin profile fine pitch ball grid array package outline 1. Drawing is not to scale. Table 87. TFBGA64 – 64-ball, 5 x 5 mm, 0.5 mm pitch thin profile fine pitch ball grid array package outline Symbol millimeters inches(1) Min Typ Max Min Typ Max A - - 1.200 - - 0.0472 A1 0.150 - - 0.0059 - - A2 - 0.200 - - 0.0079 - A4 - - 0.600 - - 0.0236 b 0.250 0.300 0.350 0.0098 0.0118 0.0138 D 4.850 5.000 5.150 0.1909 0.1969 0.2028 D1 - 3.500 - - 0.1378 - E 4.850 5.000 5.150 0.1909 0.1969 0.2028 E1 - 3.500 - - 0.1378 - e - 0.500 - - 0.0197 - F - 0.750 - - 0.0295 - R8_ME_V4 Seating plane A1 e F F D H Øb (64 balls) A E TOP VIEW BOTTOM VIEW 18 e A B A C ddd C D1 E1 eee C B A fff Ø Ø M M C A2 A4 A1 ball identifier A1 ball index area SIDE VIEW |