| Zakładka z wyszukiwarką danych komponentów |
|
STM32WB55 Arkusz danych(PDF) 174 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55 Arkusz danych(HTML) 174 Page - STMicroelectronics |
|
174 / 193 page ![]() Package information STM32WB55xx STM32WB35xx 174/193 DS11929 Rev 11 Table 102. WLCSP100 mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to the third decimal place. Min Typ Max Min Typ Max A- - 0.59 - - 0.023 A1 - 0.18 - - 0.007 - A2 - 0.38 - - 0.015 - A3 - 0.025(2) 2. Nominal dimension rounded to the third decimal place results from process capability. -- 0.001 - b 0.22 0.25 0.28 0.009 0.010 0.0110 D 4.38 4.40 4.42 0.1715 0.1728 0.1742 E 4.36 4.38 4.40 0.1707 0.1721 0.1735 e - 0.40 - - 0.0157 - e1 - 3.60 - - 0.1417 - e2 - 3.60 - - 0.1417 - e3 - 0.08 - - 0.0031 - e4 - 0.08 - - 0.0033 - F - 0.480(3) 3. Calculated dimensions are rounded to third decimal place. - - 0.0187 - G - 0.306(3) - - 0.0119 - H - 0.32 - - 0.0124 - K - 0.47 - - 0.0185 - aaa - - 0.10 - - 0.0039 bbb - - 0.10 - - 0.0039 ccc - - 0.10 - - 0.0039 ddd - - 0.05 - - 0.0020 eee - - 0.05 - - 0.0020 |