Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L011E4 Arkusz danych(PDF) 108 Page - STMicroelectronics

Numer części STM32L011E4
Szczegółowy opis  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011E4 Arkusz danych(HTML) 108 Page - STMicroelectronics

Back Button STM32L011E4 Datasheet HTML 104Page - STMicroelectronics STM32L011E4 Datasheet HTML 105Page - STMicroelectronics STM32L011E4 Datasheet HTML 106Page - STMicroelectronics STM32L011E4 Datasheet HTML 107Page - STMicroelectronics STM32L011E4 Datasheet HTML 108Page - STMicroelectronics STM32L011E4 Datasheet HTML 109Page - STMicroelectronics STM32L011E4 Datasheet HTML 110Page - STMicroelectronics STM32L011E4 Datasheet HTML 111Page - STMicroelectronics STM32L011E4 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 119 page
background image
Package information
STM32L011x3/4
108/119
DocID027973 Rev 5
UFQFPN20 device marking
The following figure gives an example of topside marking versus pin 1 position identifier
location.
Other optional marking or inset/upset marks, which depends assembly location, are not
indicated below.
Figure 46. Example of UFQFPN20 marking (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More