| Zakładka z wyszukiwarką danych komponentów |
|
ST25DV64KC Arkusz danych(PDF) 166 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64KC Arkusz danych(HTML) 166 Page - STMicroelectronics |
|
166 / 203 page ![]() Table 268. Polling during programming after byte writing in user memory Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - NoACK 9th bit Device Busy Start A6h - Device select for writing - NoACK 9th bit Device Busy ... ... ... Device select for writing ... ... ... 9th bit Device Busy Start A6h - Device select for writing - ACK 9th bit Device ready Programing completed Stop - End of Polling Table 269. Byte Write in user memory when write operation is not allowed Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit ADDRESS_MSB - Send Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send Address LSB (1 Byte) - ACK 9th bit DATA - Send Data - NoACK 9th bit: Write access not granted or FTM activated. Stop - No Programming Device return in Standby ST25DV04KC ST25DV16KC ST25DV64KC I²C Byte writing and polling DS13519 - Rev 3 page 166/203 |