| Zakładka z wyszukiwarką danych komponentów |
|
STM32L031C4 Arkusz danych(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4 Arkusz danych(HTML) 120 Page - STMicroelectronics |
|
120 / 126 page ![]() Ordering information STM32L031x4/6 120/126 DS10668 Rev 6 8 Ordering information For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST sales office. Table 78. STM32L031x4/6 ordering information scheme Example: STM32 L 031 K 6 T 6 D TR Device family STM32 = Arm-based 32-bit microcontroller Product type L = Low power Device subfamily 031 = Access line Pin count C = 48 pins K = 32 pins G = 28 pins E = 25 pins F = 20 pins Flash memory size 4 = 16 Kbytes 6 = 32 Kbytes Package T = LQFP U = UFQFPN Y = WLCSP P = TSSOP Temperature range 6 = Industrial temperature range, –40 to 85 °C 7 = Industrial temperature range, –40 to 105 °C 3 = Industrial temperature range, –40 to 125 °C Number of UFQFPN28 power pairs S = one power pair(1) No character = Two power pairs Options No character = VDD range: 1.8 to 3.6 V and BOR enabled D = VDD range: 1.65 to 3.6 V and BOR disabled Packing TR = tape and reel No character = tray or tube 1. This option is available only on STM32L031GxUxS part number. Contact your nearest ST sales office for availability. |