| Zakładka z wyszukiwarką danych komponentów |
|
AM2431..ALV Arkusz danych(PDF) 243 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431..ALV Arkusz danych(HTML) 243 Page - Texas Instruments |
|
243 / 280 page ![]() For more information, see Universal Asynchronous Receiver/Transmitter (UART) section in Peripherals chapter in the device TRM. 7.10.5.19 USB The USB 2.0 subsystem is compliant with the Universal Serial Bus (USB) Specification, revision 2.0. Refer to the specification for timing details. The USB 3.1 GEN1 subsystem is compliant with the Universal Serial Bus (USB) 3.1 Specification, revision 1.0. Refer to the specification for timing details. For more details about features and additional description information on the device Universal Serial Bus Subsystem (USB), see the corresponding subsections within Signal Descriptions and Detailed Description sections. www.ti.com AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 243 Product Folder Links: AM2434 AM2432 AM2431 |