| Zakładka z wyszukiwarką danych komponentów |
|
CC2430-RTR1-F128 Arkusz danych(PDF) 201 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2430-RTR1-F128 Arkusz danych(HTML) 201 Page - Texas Instruments |
|
201 / 234 page ![]() CC2430 CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A Page 201 of 232 14.34.8.33 ISACK Function: Send acknowledge frame with pending field cleared Description: The ISACK instruction immediately sends an acknowledge frame. The instruction waits for the radio to receive and interpret the command before executing the next instruction. Operation: SACK_ Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 1 0 0 0 14.34.8.34 ISACKPEND Function: Send acknowledge frame with pending field set Description: The ISACKPEND instruction immediately sends an acknowledge frame with pending field set. The instruction waits for the radio to receive and interpret the command before executing the next instruction. Operation: SACKPEND Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 1 0 0 1 14.34.9 Example programs This section shows two example programs for the CSP. The first example in Figure 57 on page 202 shows how a slotted CSMA-CA algorithm as defined by IEEE 802.15.4 can be implemented. The second example in Figure 58 shows how a non-slotted CSMA-CA algorithm can be implemented on the CSP. |