| Zakładka z wyszukiwarką danych komponentów |
|
AM6526 Arkusz danych(PDF) 201 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 Arkusz danych(HTML) 201 Page - Texas Instruments |
|
201 / 284 page ![]() HYPERBUS_TIMING_01 CK, CK# CS# D8/LFD8 D2 RWDS DQ[7:0] D9/LFD9 Command-Address Host drives DQ[7:0] and Memory drives RWDS CK and Data are center aligned Host drives DQ[7:0] and RWDS 39:32 31:24 23:16 15:8 7:0 47:40 Dn Dn Dn+1 Dn+1 A B A B D7/LFD7 D6/LFD6 D11/LFD11 D10/LFD10 D12/LFD12 D4 D12/LFD12 Figure 7-63. HyperBus Timing Diagrams - Transmitter Mode HYPERBUS_TIMING_02 RWDS DQ[7:0] Command-Address Host drives DQ[7:0] and Memory drives RWDS CK and Data are center aligned Host drives DQ[7:0] and RWDS 39:32 31:24 23:16 15:8 7:0 47:40 Dn Dn Dn+1 Dn+1 A B A B CK, CK# CS# D8/LFD8 D2 D9/LFD9 D7/LFD7 D6/LFD6 D10/LFD10 D4 D12/LFD12 D5/LFD5 D5/LFD5 Figure 7-64. HyperBus Timing Diagrams - Receiver Mode D3 D1 CS# RESET# HYPERBUS_TIMING_03 Figure 7-65. HyperBus Timing Diagrams - Reset For more information, see section HyperBus Interface in the device TRM. 7.9.5.12 I2C The device includes 6 inter-integrated circuit (I2C) modules which provide an interface to other devices compliant with the Philips Semiconductors Inter-IC bus (I2C BUS™) specification version 2.1. Note HS-mode is only supported on MAIN_I2C[0:3]. HS-mode is not supported on MCU_I2C0 and WKUP_I2C0. www.ti.com AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 201 Product Folder Links: AM6548 AM6528 AM6546 AM6526 |