Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9788 Arkusz danych(PDF) 222 Page - STMicroelectronics

Numer części L9788
Szczegółowy opis  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Arkusz danych(HTML) 222 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 218Page - STMicroelectronics L9788 Datasheet HTML 219Page - STMicroelectronics L9788 Datasheet HTML 220Page - STMicroelectronics L9788 Datasheet HTML 221Page - STMicroelectronics L9788 Datasheet HTML 222Page - STMicroelectronics L9788 Datasheet HTML 223Page - STMicroelectronics L9788 Datasheet HTML 224Page - STMicroelectronics L9788 Datasheet HTML 225Page - STMicroelectronics L9788 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 264 page
background image
Micro second channel (MSC) interface
L9788
222/264
DS12308 Rev 4
18.6.4
Upstream Bit Map Read4 (CONFIG-REG 16-1 + Wake up timer_SET)
FRAME[1]:
[1] 1: Main Relay Driver On
0: Main Relay Driver Off
[0] 1: RLY4 delay-off function active
0: RLY4 delay-off function inactive
FRAME[2:4]: Wake Up Timer setting
Bits coming from WUT Logic
Table 96. MSC Interface Upstream Bit Map Read4
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4 D5
D6
D7
FRAME1
000
0
RLY4_DELAY_OFF_STATUS
MRD_STATUS CONFIG-REG 16_1
RLY4
MRD
Wake up timer_SET [23:0]
FRAME2
0
0
1
0 Wake up timer_SET_0[0:7](1)
FRAME3
0
0
0
1 Wake up timer_SET_1[8:15](1)
FRAME4
0
0
1
1 Wake up timer_SET_2[16:23](1)
source
FRAME[1][0:7]
logic on VB_IN (main logic)
FRAME[2:4]D[0:7]
logic on VB_STBY (Wake Up Timer logic)
access
read
1. Bit in satellite logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More