| Zakładka z wyszukiwarką danych komponentów |
|
L9788 Arkusz danych(PDF) 242 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 Arkusz danych(HTML) 242 Page - STMicroelectronics |
|
242 / 264 page ![]() Package information L9788 242/264 DS12308 Rev 4 19.2 LQFP100 (14x14x1.4 mm exp. pad down) marking information Figure 90. LQFP100 (14x14x1.4 mm exp. pad down) marking information Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production. ST is not responsible for any consequences resulting from such use. In no event will ST be liable for the customer using any of these engineering samples in production. ST’s Quality department must be contacted prior to any decision to use these engineering samples to run a qualification activity. Unmarkable Surface Marking Composition Field PACKAGE FACE : TOP LEGEND a b A B C D E F G H I J K L a - 105946 - EJECTOR b - 105947 - NO MARK PKG AREA A - 107166 - Second_lvl_intct B - 107167 - 2D MATRIX CODE C - 107165 - MARKING AREA D - 107164 - MARKING AREA E - 107163 - Assy Plant (PP) F - 107162 - Assy Year (Y) G - 107161 - Assy Week (WW) H - 107160 - Diffusion Traceability Plant (WX) I - 107159 - Test & Finishing Plant (TF) J - 107157 - BE Sequence (LLL) K - 107156 - COUNTRY OF ORIGIN (MAX CHAR ALLOWED = 3) L - 107158 - SS SUBLOT ASSY |