Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

25466 Arkusz danych(PDF) 1 Page - Alpha Wire

Numer części 25466
Szczegółowy opis  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPHAWIRE [Alpha Wire]
Strona internetowa  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25466 Arkusz danych(HTML) 1 Page - Alpha Wire

  25466 Datasheet HTML 1Page - Alpha Wire 25466 Datasheet HTML 2Page - Alpha Wire 25466 Datasheet HTML 3Page - Alpha Wire 25466 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 25466
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
6 X 1 COND
a) Conductor
20 (7/28) AWG Tinned Copper
0.038
b) Insulation
0.016" Wall, Nom. PVC
0.070
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
3
WHITE
5
ORANGE
2
RED
4
GREEN
6
BLUE
2) Cable Assembly
6 Components Cabled
a) Twists:
4.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing In
b) Drain Wire
20 (7/28) AWG Tinned Copper
4) Jacket
0.032" Wall, Nom.,Polyurethane
(TPU)
0.284 (0.297 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord
1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25466
XTRAGUARD(R) 2 RU AWM 20668 VW-1 OR CRU
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code


Podobny numer części - 25466

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
2546123 FESTO-2546123 Datasheet
58Kb / 1P
Parallel kit
1/1/23
logo
Alpha Wire
25462 ALPHAWIRE-25462 Datasheet
92Kb / 4P
Customer Specification
1/10/2023
25463 ALPHAWIRE-25463 Datasheet
92Kb / 4P
Customer Specification
1/10/2023
25464 ALPHAWIRE-25464 Datasheet
93Kb / 4P
Customer Specification
1/10/2023
25468 ALPHAWIRE-25468 Datasheet
93Kb / 4P
Customer Specification
1/10/2023
More results

Podobny opis - 25466

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
Customer Specification
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com