Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SRF-1016 Arkusz danych(PDF) 6 Page - SIRENZA MICRODEVICES

Numer części SRF-1016
Szczegółowy opis  65 - 300 MHz Silicon Germanium IF Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIRENZA [SIRENZA MICRODEVICES]
Strona internetowa  
Logo SIRENZA - SIRENZA MICRODEVICES

SRF-1016 Arkusz danych(HTML) 6 Page - SIRENZA MICRODEVICES

  SRF-1016 Datasheet HTML 1Page - SIRENZA MICRODEVICES SRF-1016 Datasheet HTML 2Page - SIRENZA MICRODEVICES SRF-1016 Datasheet HTML 3Page - SIRENZA MICRODEVICES SRF-1016 Datasheet HTML 4Page - SIRENZA MICRODEVICES SRF-1016 Datasheet HTML 5Page - SIRENZA MICRODEVICES SRF-1016 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
6
EDS102092 Rev B
Preliminary Data Sheet
SRF-1016 SiGe IF Receiver
Demo Test Board Schematic
Tuned for operation at 200 MHz.
Bill of Materials
Component
Designator
Value
Qty
Vendor
Part Number
Description
U1
1
SMDI
SRF-1016
IF receiver
J1, J6, J7
3
Sullins
S1312-02-ND
2 pin 0.1” header
J2, J3, J4, J5
4
Johnson
Components
142-0701-851
SMA end launch connector
T1, T2
2
Mini-Circuits
TC1-1
IF Transformer
T3, T4
2
Mini-Circuits
ADT1-6T
Baseband Transformer
C1
1 uF
1
Venkel
C1206Y5V160-105ZNE
1206 size supply bypass capacitor
C2, C3
27 pF
2
Venkel
C0603COG500-270JNE 0603 size coupling capacitor
C4, C5
68 pF
2
Venkel
C0603COG500-680JNE 0603 size coupling capacitor
C9
100 pF
1
Venkel
C0603COG500-101JNE 0603 size bypass capacitor
C6, C7, C8
22 pF
3
Venkel
C0603COG500-220JNE 0603 size bypass capacitor
C10, C11, C12, C13
220 pF
4
Venkel
C0603COG500-221JNE 0603 size filter capacitor
L1, L2, L3
1 uH
5
Panasonic
PCD1008TR-ND
1210 size filter inductor
R1, R2
1 kOhm
2
Venkel
CR0603-16W-102JT
0603 size pull-up resistor
R3, R4
0 Ohm
2
Venkel
CR0603-16W-000T
0603 jumper
R5, R6
50 Ohm
2
Venkel
CR0603-16W-500JT
0603 size stability resistor
L4, L5
10 nH
2
Toko
LL1608 FS10NJ
0603 size stability inductor
1
SMDI
ECB-102274
Evaluation Board
Fully Assembled PCB


Podobny numer części - SRF-1016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SRF-1016Z ETC1-SRF-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
More results

Podobny opis - SRF-1016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATR0797 ATMEL-ATR0797 Datasheet
474Kb / 11P
   65-300 MHZ SIGE IF RECEIVER DEMODULATOR
T0797 ATMEL-T0797 Datasheet
136Kb / 10P
   65 - 300 MHz SiGe IF Receiver / Demodulator
logo
SIRENZA MICRODEVICES
SRF-2016 SIRENZA-SRF-2016 Datasheet
122Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
logo
Stanford Microdevices
SRF-2016 STANFORD-SRF-2016 Datasheet
127Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
logo
NXP Semiconductors
BGO387 PHILIPS-BGO387 Datasheet
60Kb / 8P
   300 MHz Optical receiver
2002 Dec 03
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
logo
Micro Commercial Compon...
1N34A MCC-1N34A_09 Datasheet
256Kb / 3P
   Germanium Diode 65 Volt
1N34A MCC-1N34A Datasheet
69Kb / 1P
   65 Volt Germanium Diode
logo
Stanford Microdevices
SGA-7489 STANFORD-SGA-7489 Datasheet
521Kb / 8P
   DC-3000 MHZ SILICON GERMANIUM
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com