Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HC705JJ7GRS/D Arkusz danych(PDF) 177 Page - NXP Semiconductors

Numer części HC705JJ7GRS/D
Szczegółowy opis  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Arkusz danych(HTML) 177 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 173Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 174Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 175Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 176Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 177Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 178Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 179Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 180Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 181Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 230 page
background image
Personality EPROM
PEPROM Erasing
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Personality EPROM
Reading the PEPROM is easiest when each PEPROM column contains
one byte. Selecting a row 0 bit selects the first bit, and incrementing the
PEPROM bit select register (PEBSR) selects the next bit in row 1 from
the same column. Incrementing PEBSR seven more times selects the
remaining bits of the column and ends up selecting the bit in row 0 of the
next column, thereby setting the row 0 flag, PEPRZF.
NOTE:
A PEPROM byte that has been read can be transferred to the
personality EPROM bit select register (PEBSR) as a temporary storage
location such that subsequent reads of the PEBSR quickly yield that
PEPROM byte.
12.6 PEPROM Erasing
MCUs with windowed packages permit PEPROM erasure with
ultraviolet light. Erase the PEPROM by exposing it to 15 Ws/cm2 of
ultraviolet light with a wavelength of 2537 angstroms. Position the
ultraviolet light source 1 inch from the window. Do not use a shortwave
filter. The erased state of a PEPROM bit is a logic zero.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More