Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HC705JJ7GRS/D Arkusz danych(PDF) 191 Page - NXP Semiconductors

Numer części HC705JJ7GRS/D
Szczegółowy opis  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Arkusz danych(HTML) 191 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 187Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 188Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 189Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 190Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 191Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 192Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 193Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 194Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 195Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 230 page
background image
Instruction Set
Instruction Types
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Instruction Set
14.3.8 Relative
Relative addressing is only for branch instructions. If the branch
condition is true, the CPU finds the effective branch destination by
adding the signed byte following the opcode to the contents of the
program counter. If the branch condition is not true, the CPU goes to the
next instruction. The offset is a signed, two’s complement byte that gives
a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Motorola assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset
and verifies that it is within the span of the branch.
14.4 Instruction Types
The MCU instructions fall into the following five categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More