| Zakładka z wyszukiwarką danych komponentów |
|
STM8AF/P6386 Arkusz danych(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P6386 Arkusz danych(HTML) 111 Page - STMicroelectronics |
|
111 / 116 page ![]() DocID031156 Rev 1 111/116 STM8AF6388 Ordering information 114 12 Ordering information Figure 60. STM8AF6388 ordering information scheme1 1. For a list of available options (e.g. memory size, package) and orderable part numbers or for further information on any aspect of this device, please go to www.st.com or contact the nearest ST Sales Office. 2. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 and Q002 or equivalent. 3. Customer specific FASTROM code or custom device configuration. This field shows ‘SSS’ if the device contains a super set silicon, usually equipped with bigger memory and more I/Os. This silicon is supposed to be replaced later by the target silicon. STM8A2 F63 A A T D XXX3 Y Product class 8-bit automotive microcontroller Program memory size 6 = 32 Kbyte 8 = 64 Kbyte A= 128 Kbyte Package type T = LQFP U = VFQFPN Example: Device family 63 = Silicon rev S, LIN only Program memory type F = Flash + EEPROM P = FASTROM Temperature range A = -40 to 85 °C C = -40 to 125 °C D = -40 to 150 °C Pin count 6 = 32 pins 8 = 48 pins 9 = 64 pins A = 80 pins Packing Y = Tray U = Tube X = Tape and reel compliant with EIA 481-C |