| Zakładka z wyszukiwarką danych komponentów |
|
SN250Q Arkusz danych(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q Arkusz danych(HTML) 103 Page - STMicroelectronics |
|
103 / 130 page ![]() SN250 Functional description—application modules 103/130 TMR2_TOP [0x4586] TMR2_CMPCFGA [0x458E] TMR2_CMPCFGB [0x4590] 15 1-RW 14 1-RW 13 1-RW 12 1-RW 11 1-RW 10 1-RW 9 1-RW 8 1-RW TMR2_TOP TMR2_TOP 1-RW 7 1-RW 6 1-RW 5 1-RW 4 1-RW 3 1-RW 2 1-RW 1 1-RW 0 TMR2_TOP [15:0] Timer 2 threshold value. 15 0-RW 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R TMR_CMPEN 0 0 0 0 0 0 0 0 0 0 TMR_ CMPINV TMR_CMPMOD 0-R 7 0-R 6 0-R 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 TMR_CMPEN [15] Set this bit to enable output A. TMR_CMPINV [4] Set this bit to invert output A. TMR_CMPMOD [3:0] Output mode selection bits. Refer to Table 31 for the modes. 15 0-RW 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R TMR_CMPEN 0 0 0 0 0 0 0 0 0 0 TMR_ CMPINV TMR_CMPMOD 0-R 7 0-R 6 0-R 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 TMR_CMPEN [15] Set this bit to enable output B. TMR_CMPINV [4] Set this bit to invert output B. TMR_CMPMOD [3:0] Output mode selection bits. Refer to Table 31 for the modes. |