| Zakładka z wyszukiwarką danych komponentów |
|
HC705E5GRS/D Arkusz danych(PDF) 110 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Arkusz danych(HTML) 110 Page - NXP Semiconductors |
|
110 / 148 page ![]() User EPROM General Release Specification MC68HC705E5 — Rev. 1.0 User EPROM Figure 13-2. MC68HC705E5 Bootloader Flowchart BOOT PB2 = 0 JUMP TO RAM PUT RAMSUB IN RAM DDRC <-%00001111 PORTC <-%00001111 GET BYTE FROM PORT A PROGRAM BYTE JSR NXTADR GATE STRESS DRAIN STRESS DDRA = OUTPUT GET BYTE START @ $B00 PUT BYTE ON PORT A CHANGE INSTRUCTION FROM STA TO EOR INC COUNT TO $B00 START ADDR <- $B00 GET BYTE FROM PORT A JSR RAMSUB JSR NXTADR END ADDRESS ($1FFF) END ADDRESS ($1FFF) WAIT WAIT PB0=1 (SYNC) WAIT VERF LED ON COMPARE END ADDR ($1FFF) PB4 = 1 PB3 = 1 PB4 = 1 PB0 = 1 YES YES NO YES NO YES YES YES YES YES YES NO NO NO NO NO NO NO NO YES DUMP EPROM PRG/VERF VERIFY MAYPRG BUMP COUNT TO $B00 BUMP COUNT TO $B00 DDRB <-%00100000 PORTB <-%00000000 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |