| Zakładka z wyszukiwarką danych komponentów |
|
ST72361 Arkusz danych(PDF) 203 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361 Arkusz danych(HTML) 203 Page - STMicroelectronics |
|
203 / 224 page ![]() ST72361 203/224 COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d) Figure 117. SPI Slave Timing Diagram with CPHA = 11) Figure 118. SPI Master Timing Diagram1) Notes: 1. Measurement points are done at CMOS levels: 0.3 x VDD and 0.7 x VDD. 2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has its alternate function capability released. In this case, the pin status depends on the I/O port configuration. SS INPUT CPHA = 0 MOSI INPUT MISO OUTPUT CPHA = 0 tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) ta(SO) tsu(SI) th(SI) MSB OUT BIT6 OUT LSB OUT See CPOL = 0 CPOL = 1 tsu(SS) th(SS) tdis(SO) th(SO) See note 2 note 2 tc(SCK) Hz tv(SO) MSB IN LSB IN BIT1 IN SS INPUT CPHA = 0 MOSI OUTPUT MISO INPUT CPHA = 0 CPHA = 1 CPHA = 1 tc(SCK) tw(SCKH) tw(SCKL) th(MI) tsu(MI) tv(MO) th(MO) MSB IN MSB OUT BIT6 IN BIT6 OUT LSB OUT LSB IN Seenote2 Seenote2 CPOL = 0 CPOL = 1 CPOL = 0 CPOL = 1 tr(SCK) tf(SCK) |