| Zakładka z wyszukiwarką danych komponentów |
|
ICS1893CF Arkusz danych(PDF) 125 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893CF Arkusz danych(HTML) 125 Page - Renesas Technology Corp |
|
125 / 127 page ![]() Chapter 11 Ordering Information ICS1893CF, Rev. K, 05/13/10 May, 2010 125 ICS1893CF Data Sheet Rev. J - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. Chapter 11 Ordering Information Figure 11-1. shows ordering information for the ICS1893CF. 11.1 Marking Diagram Notes: 1. Line 3: ###### = Lot number. 2. Line 4: YYWW = Date code. 3. Line 5: Origin. Part / Order Number Marking Package Temperature ICS1893CFLF 1893CFLF 48-Lead SSOP Lead/Pb-Free 0 ° C to 70° C ICS1893CFLFT 1893CFLF 48-Lead SSOP Lead/Pb-Free, Tape and Reel 0 ° C to 70° C ICS1893CFILF 1893CFILF 48-Lead SSOP Lead/Pb-Free -40 ° C to 85° C ICS1893CFILFT 1893CFILF 48-Lead SSOP Lead/Pb-Free, Tape and Reel -40 ° C to 85° C ICS1893CKLF 1893CKLF 56-Lead MLF2 Lead/Pb-Free 0 ° C to 70° C ICS1893CKLFT 1893CKLF 56-Lead MLF2 Lead/Pb-Free, Tape and Reel 0 ° C to 70° C ICS1893CKILF 1893CKILF 56-Lead MLF2 Lead/Pb-Free -40 ° C to 85° C ICS1893CKILFT 1893CKILF 56-Lead MLF2 Lead/Pb-Free, Tape and Reel -40 ° C to 85° C |