| Zakładka z wyszukiwarką danych komponentów |
|
ICS1893CFILF Arkusz danych(PDF) 107 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILF Arkusz danych(HTML) 107 Page - Renesas Technology Corp |
|
107 / 127 page ![]() Chapter 9 DC and AC Operating Conditions ICS1893CF, Rev. K, 05/13/10 May, 2010 107 ICS1893CF Data Sheet Rev. J - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. 9.5.5 10M MII: Synchronous Transmit Timing Table 9-12 lists the significant time periods for the 10M MII synchronous transmit timing. The time periods consist of timings of signals on the following pins: • TXCLK • TXD[3:0] • TXEN • TXER Figure 9-6 shows the timing diagram for the time periods. Figure 9-6. 10M MII Synchronous Transmit Timing Diagram Table 9-12. 10M MII: Synchronous Transmit Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXD[3:0], TXEN, TXER Setup to TXCLK Rise – 375 – – ns t2 TXD[3:0], TXEN, TXER Hold after TXCLK Rise – 0 – – ns t1 t2 TXCLK TXD[3:0] TXEN TXER |