| Zakładka z wyszukiwarką danych komponentów |
|
ICS1893CFILF Arkusz danych(PDF) 117 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILF Arkusz danych(HTML) 117 Page - Renesas Technology Corp |
|
117 / 127 page ![]() Chapter 9 DC and AC Operating Conditions ICS1893CF, Rev. K, 05/13/10 May, 2010 117 ICS1893CF Data Sheet Rev. J - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. 9.5.15 Reset: Power-On Reset Table 9-22 lists the significant time periods for the power-on reset. The time periods consist of timings of signals on the following pins: • VDD • TXCLK Figure 9-16 shows the timing diagram for the time periods. Figure 9-16. Power-On Reset Timing Diagram Table 9-22. Power-On Reset Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 VDD ≥ 2.7 V to Reset Complete – 40 45 500 ms TXCLK Valid VDD 2.7 V t1 |