| Zakładka z wyszukiwarką danych komponentów |
|
AT83SND1CXXX-ROTIL Arkusz danych(PDF) 134 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND1CXXX-ROTIL Arkusz danych(HTML) 134 Page - ATMEL Corporation |
|
134 / 212 page ![]() 134 4109J–8051–10/06 AT8xC51SND1C Figure 17-1. Timer 1 Baud Rate Generator Block Diagram 17.2.2 Internal Baud Rate Generator When using the Internal Baud Rate Generator, the Baud Rate is derived from the overflow of the timer. As shown in Figure 17-2 the Internal Baud Rate Generator is an 8-bit auto-reload timer fed by the peripheral clock or by the peripheral clock divided by 6 depending on the SPD bit in BDRCON register (see Table 119). The Internal Baud Rate Generator is enabled by setting BBR bit in BDRCON register. SMOD1 bit in PCON register allows doubling of the generated baud rate. Figure 17-2. Internal Baud Rate Generator Block Diagram 17.3 Synchronous Mode (Mode 0) Mode 0 is a half-duplex, synchronous mode, which is commonly used to expand the I/0 capabil- ities of a device with shift registers. The transmit data (TXD) pin outputs a set of eight clock pulses while the receive data (RXD) pin transmits or receives a Byte of data. The 8-bit data are transmitted and received least-significant bit (LSB) first. Shifts occur at a fixed Baud Rate (see Section "Baud Rate Selection (Mode 0)", page 136). Figure 17-3 shows the serial port block dia- gram in Mode 0. TR1 TCON.6 0 1 GATE1 TMOD.7 Overflow C/T1# TMOD.6 TL1 (8 bits) TH1 (8 bits) INT1 T1 PER CLOCK ÷ 6 0 1 SMOD1 PCON.7 ÷ 2 T1 CLOCK To serial Port 0 1 Overflow SPD BDRCON.1 BRG (8 bits) BRL (8 bits) PER CLOCK ÷ 6 IBRG CLOCK BRR BDRCON.4 0 1 SMOD1 PCON.7 ÷ 2 To serial Port |