| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F688-E/SLSQTP Arkusz danych(PDF) 136 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/SLSQTP Arkusz danych(HTML) 136 Page - Microchip Technology |
|
136 / 202 page ![]() PIC16F688 DS41203D-page 134 © 2007 Microchip Technology Inc. MOVF Move f Syntax: [ label ] MOVF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f) → (dest) Status Affected: Z Description: The contents of register f is moved to a destination dependent upon the status of d. If d = 0, destination is W register. If d = 1, the destination is file register f itself. d = 1 is useful to test a file register since status flag Z is affected. Words: 1 Cycles: 1 Example: MOVF FSR, 0 After Instruction W= value in FSR register Z= 1 MOVLW Move literal to W Syntax: [ label ] MOVLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W) Status Affected: None Description: The eight-bit literal ‘k’ is loaded into W register. The “don’t cares” will assemble as ‘0’s. Words: 1 Cycles: 1 Example: MOVLW 0x5A After Instruction W= 0x5A MOVWF Move W to f Syntax: [ label ] MOVWF f Operands: 0 ≤ f ≤ 127 Operation: (W) → (f) Status Affected: None Description: Move data from W register to register ‘f’. Words: 1 Cycles: 1 Example: MOVW F OPTION Before Instruction OPTION = 0xFF W = 0x4F After Instruction OPTION = 0x4F W = 0x4F NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Description: No operation. Words: 1 Cycles: 1 Example: NOP |