| Zakładka z wyszukiwarką danych komponentów |
|
PIC12F609-E/STQTP Arkusz danych(PDF) 106 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F609-E/STQTP Arkusz danych(HTML) 106 Page - Microchip Technology |
|
106 / 168 page ![]() PIC12F609/615/12HV609/615 DS41302A-page 104 Preliminary © 2006 Microchip Technology Inc. 11.4.2 TIMER0 INTERRUPT An overflow (FFh → 00h) in the TMR0 register will set the T0IF bit of the INTCON register. The interrupt can be enabled/disabled by setting/clearing T0IE bit of the INTCON register. See Section 5.0 “Timer0 Module” for operation of the Timer0 module. 11.4.3 GPIO INTERRUPT-ON-CHANGE An input change on GPIO sets the GPIF bit of the INTCON register. The interrupt can be enabled/ disabled by setting/clearing the GPIE bit of the INTCON register. Plus, individual pins can be configured through the IOC register. FIGURE 11-7: INTERRUPT LOGIC Note: If a change on the I/O pin should occur when any GPIO operation is being executed, then the GPIF interrupt flag may not get set. TMR1IF TMR1IE CMIF CMIE T0IF T0IE INTF INTE GPIF GPIE GIE PEIE Wake-up (If in Sleep mode)(1) Interrupt to CPU ADIF ADIE IOC-GP0 IOC0 IOC-GP1 IOC1 IOC-GP2 IOC2 IOC-GP3 IOC3 IOC-GP4 IOC4 IOC-GP5 IOC5 TMR2IF TMR2IE CCP1IF CCP1IE Note 1: Some peripherals depend upon the system clock for operation. Since the system clock is suspended during Sleep, only those peripherals which do not depend upon the system clock will wake the part from Sleep. See Section 11.7.1 “Wake-up from Sleep”. (615 only) (615 only) (615 only) |