| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012A20E/P Arkusz danych(PDF) 103 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A20E/P Arkusz danych(HTML) 103 Page - Microchip Technology |
|
103 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 101 dsPIC30F2011/2012/3012/3013 15.0 UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER (UART) MODULE This section describes the Universal Asynchronous Receiver/Transmitter Communications module. The dsPIC30F2011/2012/3012 processors have one UART module (UART1). The dsPIC30F3013 processor has two UART modules (UART1 and UART2). 15.1 UART Module Overview The key features of the UART module are: • Full-duplex, 8 or 9-bit data communication • Even, odd or no parity options (for 8-bit data) • One or two Stop bits • Fully integrated Baud Rate Generator with 16-bit prescaler • Baud rates range from 38 bps to 1.875 Mbps at a 30 MHz instruction rate • 4-word deep transmit data buffer • 4-word deep receive data buffer • Parity, framing and buffer overrun error detection • Support for interrupt only on address detect (9th bit = 1) • Separate transmit and receive interrupts • Loopback mode for diagnostic support • Alternate receive and transmit pins for UART1 FIGURE 15-1: UART TRANSMITTER BLOCK DIAGRAM Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and general device functionality, refer to the “dsPIC30F Family Reference Manual” (DS70046). Write Write UTX8 UxTXREG Low Byte Load TSR Transmit Control – Control TSR – Control Buffer – Generate Flags – Generate Interrupt Control and Status bits UxTXIF Data ‘0’ (Start) ‘1’ (Stop) Parity Parity Generator Transmit Shift Register (UxTSR) 16 Divider Control Signals 16x Baud Clock from Baud Rate Generator Internal Data Bus UTXBRK UxTX Note: x = 1 or 2. |