| Zakładka z wyszukiwarką danych komponentów |
|
DSP56303 Arkusz danych(PDF) 158 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Arkusz danych(HTML) 158 Page - Freescale Semiconductor, Inc |
|
158 / 292 page ![]() DSP56303 User’s Manual, Rev. 2 7-26 Freescale Semiconductor Enhanced Synchronous Serial Interface (ESSI) Figure 7-9. Normal Mode, External Frame Sync (8 Bit, 1 Word in Frame) Figure 7-10. Network Mode, External Frame Sync (8 Bit, 2 Words in Frame) 7.5.3 ESSI Status Register (SSISR) The SSISR is a read-only status register by which the DSP reads the ESSI status and serial input flags. Figure 7-11. ESSI Status Register (SSISR) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 987654 3210 RDF TDE ROE TUE RFS TFS IF1 IF0 —Reserved bit; read as 0; write to 0 0 for future compatibility. (ESSI0 X:$FFFFB7, ESSI1 X:$FFFFA7) Frame SYNC (FSL0 = 0, FSL1 = 0) Frame SYNC (FSL0 = 0, FSL1 = 1) Data Out Flags Slot 0 Slot 0 Wait SLOT 0 SLOT 1 SLOT 1 SLOT 0 Frame SYNC (FSL0 = 0, FSL1 = 0) Frame SYNC (FSL0 = 0, FSL1 = 1) Flags Data |