| Zakładka z wyszukiwarką danych komponentów |
|
TMP89FS60 Arkusz danych(PDF) 113 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Arkusz danych(HTML) 113 Page - Toshiba Semiconductor |
|
113 / 410 page ![]() Page 99 TMP89FS60 RA005 8.3.2 Port P1 (P13 to P10) Port P1 is a 4-bit input/output port that can be set to input or output for each bit individually, and is also used as the external interrupt input, the STOP mode release signal input and the external reset input. Port P1 contains a programmable pull-up resistor on the VDD side. This pull-up resistor can be used when the port is used in the input mode. After reset, pin P10 serves as the external reset input. To use pin P10 as a port, refer to "How to use external reset input pin as a port". Table 8-6 Port P1 ---- P13 P12 P11 P10 Secondary function ---- INT1 INT0 INT5 STOP RESET |