| Zakładka z wyszukiwarką danych komponentów |
|
WM8994ECS/R Arkusz danych(PDF) 106 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Arkusz danych(HTML) 106 Page - Cirrus Logic |
|
106 / 363 page ![]() WM8994 106 Rev 4.6 SAMPLE RATE (kHz) SYSCLK RATE (AIFnCLK / fs ratio) 128 192 256 384 512 768 1024 1536 8 11.025 Note 1 12 Note 1 16 Note 1 Note 1 22.05 Note 1 Note 1 24 Note 1 Note 1 32 Note 1 Note 1 44.1 Note 1 Note 1 48 Note 1 Note 1 88.2 Note 1 96 Note 1 When DAC_OSR128=0, DAC operation is only supported for the configurations indicated above Table 48 DAC Clocking - DAC_OSR128 = 0 (Default) SAMPLE RATE (kHz) SYSCLK RATE (AIFnCLK / fs ratio) 128 192 256 384 512 768 1024 1536 8 11.025 12 16 22.05 Note 1 24 Note 1 32 Note 1 Note 1 44.1 Note 1 Note 1 48 Note 1 Note 1 88.2 Note 1 96 Note 1 When DAC_OSR128=1, DAC operation is only supported for the configurations indicated above Table 49 DAC Clocking - DAC_OSR128 = 1 Note 1 - These clocking rates are only supported for ‘simple’ DAC-only playback modes, under the following conditions: AIF input is enabled on a single interface (AIF1 or AIF2) only, or is enabled on AIF1 and AIF2 simultaneously provided AIF1 and AIF2 are synchronised (ie. AIF1CLK_SRC = AIF2CLK_SRC) All AIF output paths are disabled All DSP functions (ReTune Mobile Parametric Equaliser, 3D stereo expansion and Dynamic Range Control) are disabled The clocking requirements in Table 48 and Table 49 are only applicable to the AIFnCLK that is selected as the SYSCLK source. Note that both clocks (AIF1CLK and AIF2CLK) must satisfy the requirements noted in the “Clocking and Sample Rates” section. The applicable clocks (SYSCLK, and AIF1CLK or AIF2CLK) must be present and enabled when using the Digital to Analogue Converters (DACs). |