| Zakładka z wyszukiwarką danych komponentów |
|
LAN9252V/PT Arkusz danych(PDF) 319 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252V/PT Arkusz danych(HTML) 319 Page - Microchip Technology |
|
319 / 329 page ![]() 2015 Microchip Technology Inc. DS00001909A-page 319 LAN9252 18.6.5 HOST BUS INTERFACE I/O TIMING Timing specifications for the Host Bus Interface are given in Section 9.4.5, "Multiplexed Addressing Mode Timing Requirements," on page 78 and Section 9.5.7, "Indexed Addressing Mode Timing Requirements," on page 98. 18.6.6 SPI/SQI SLAVE INTERFACE I/O TIMING Timing specifications for the SPI/SQI Slave Bus Interface are given in Section 10.3, "SPI/SQI Timing Requirements," on page 119. 18.6.7 I2C EEPROM I/O TIMING Timing specifications for I2C EEPROM access are given in Section 13.1, "I2C Interface Timing Requirements," on page 295. 18.6.8 ETHERCAT MII PORT MANAGEMENT ACCESS I/O TIMING Timing specifications for the MII Port Management access are given in Section 12.9.7, "External PHY Timing," on page 206. 18.6.9 MII I/O TIMING Timing specifications for the MII Port interface are given in Section 12.9.7, "External PHY Timing," on page 206. 18.6.10 JTAG TIMING Timing specifications for the JTAG interface are given in Table 17.1.1, “JTAG Timing Requirements,” on page 306. |