Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F412REU6P Arkusz danych(PDF) 199 Page - STMicroelectronics

Numer części STM32F412REU6P
Szczegółowy opis  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412REU6P Arkusz danych(HTML) 199 Page - STMicroelectronics

Back Button STM32F412REU6P Datasheet HTML 193Page - STMicroelectronics STM32F412REU6P Datasheet HTML 194Page - STMicroelectronics STM32F412REU6P Datasheet HTML 195Page - STMicroelectronics STM32F412REU6P Datasheet HTML 196Page - STMicroelectronics STM32F412REU6P Datasheet HTML 197Page - STMicroelectronics STM32F412REU6P Datasheet HTML 198Page - STMicroelectronics STM32F412REU6P Datasheet HTML 199Page - STMicroelectronics STM32F412REU6P Datasheet HTML 200Page - STMicroelectronics STM32F412REU6P Datasheet HTML 201Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 199 / 201 page
background image
DocID028087 Rev 7
199/201
STM32F412xE/G
Revision history
200
23-May-2017
5
Updated:
– Section 2: Description
– Table 2: STM32F412xE/G features and peripheral counts
– Section 3.19.1: Regulator ON
– Section 3.19.2: Regulator OFF
– Table 4: Regulator ON/OFF and internal power supply supervisor availability
– Table 15: Thermal characteristics
– Table 16: General operating conditions
– Table 21: Embedded reset and power control block characteristics
– Table from: Table 22: Typical and maximum current consumption, code with data
processing (ART accelerator disabled) running from SRAM - VDD = 1.7 V to
Table 35: Typical and maximum current consumptions in VBAT mode
– Figure 24: Typical VBAT current consumption (LSE and RTC ON/LSE oscillator
“low power” mode selection)
– Figure 25: Typical VBAT current consumption (LSE and RTC ON/LSE oscillator
“high drive” mode selection)
– Table 43: HSI oscillator characteristics
– Table 44: LSI oscillator characteristics
– Table 51: Flash memory endurance and data retention
– Table 55: Electrical sensitivities
– Table 57: I/O static characteristics
– Table 88: Asynchronous multiplexed PSRAM/NOR read timings
– Note 1. in Figure 62: WLCSP64 marking example (package top view)
– Note 1. in Figure 65: UFQFPN48 marking example (package top view)
– Note 1. in Figure 68: LQFP64 marking example (package top view)
– Note 1. in Figure 71: LQFP100 marking example (package top view)
– Note 1. in Figure 74: LQFP144 marking example (package top view)
– Note 1. in Figure 77: UFBGA100 marking example (package top view)
– Note 1. in Figure 80: UFBGA144 marking example (package top view)
– Table 110: Ordering information scheme
Table 111. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More