Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F427NET7TR Arkusz danych(PDF) 222 Page - STMicroelectronics

Numer części STM32F427NET7TR
Szczegółowy opis  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427NET7TR Arkusz danych(HTML) 222 Page - STMicroelectronics

Back Button STM32F427NET7TR Datasheet HTML 218Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 219Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 220Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 221Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 222Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 223Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 224Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 225Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 231 page
background image
Application block diagrams
STM32F427xx STM32F429xx
222/231
DocID024030 Rev 6
Figure 105. USB controller configured in dual mode and used in full speed mode
1. External voltage regulator only needed when building a VBUS powered device.
2. The current limiter is required only if the application has to support a VBUS powered device. A basic power
switch can be used if 5 V are available on the application board.
3. The ID pin is required in dual role only.
4. The same application can be developed using the OTG HS in FS mode to achieve enhanced performance
thanks to the large Rx/Tx FIFO and to a dedicated DMA controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More