| Zakładka z wyszukiwarką danych komponentów |
|
PIC12LF1501 Arkusz danych(PDF) 223 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12LF1501 Arkusz danych(HTML) 223 Page - Microchip Technology |
|
223 / 352 page ![]() 2011-2015 Microchip Technology Inc. DS40001607D-page 223 PIC16(L)F1503 REGISTER 23-4: CLCxSEL1: MULTIPLEXER DATA 3 AND 4 SELECT REGISTER U-0 R/W-x/u R/W-x/u R/W-x/u U-0 R/W-x/u R/W-x/u R/W-x/u — LCxD4S<2:0>(1) — LCxD3S<2:0>(1) bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7 Unimplemented: Read as ‘0’ bit 6-4 LCxD4S<2:0>: Input Data 4 Selection Control bits(1) 111 = LCx_in[3] is selected for lcxd4 110 = LCx_in[2] is selected for lcxd4 101 = LCx_in[1] is selected for lcxd4 100 = LCx_in[0] is selected for lcxd4 011 = LCx_in[15] is selected for lcxd4 010 = LCx_in[14] is selected for lcxd4 001 = LCx_in[13] is selected for lcxd4 000 = LCx_in[12] is selected for lcxd4 bit 3 Unimplemented: Read as ‘0’ bit 2-0 LCxD3S<2:0>: Input Data 3 Selection Control bits(1) 111 = LCx_in[15] is selected for lcxd3 110 = LCx_in[14] is selected for lcxd3 101 = LCx_in[13] is selected for lcxd3 100 = LCx_in[12] is selected for lcxd3 011 = LCx_in[11] is selected for lcxd3 010 = LCx_in[10] is selected for lcxd3 001 = LCx_in[9] is selected for lcxd3 000 = LCx_in[8] is selected for lcxd3 Note 1: See Table 23-1 for signal names associated with inputs. |