Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 124 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 124 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 120Page - STMicroelectronics STM32L496AE Datasheet HTML 121Page - STMicroelectronics STM32L496AE Datasheet HTML 122Page - STMicroelectronics STM32L496AE Datasheet HTML 123Page - STMicroelectronics STM32L496AE Datasheet HTML 124Page - STMicroelectronics STM32L496AE Datasheet HTML 125Page - STMicroelectronics STM32L496AE Datasheet HTML 126Page - STMicroelectronics STM32L496AE Datasheet HTML 127Page - STMicroelectronics STM32L496AE Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 262 page
background image
Table 30. Current consumption in Run and Low-power run modes, code with data processing
running from SRAM1
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C
85 °C
105
°C
125
°C
25 °C
55 °C
85 °C
105
°C
125
°C
IDD_ALL(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48MHz
included, bypass
mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
2.72
2.76
2.89
3.12
3.58
3.0
3.1
3.4
3.8
4.8
mA
16 MHz
1.73
1.76
1.89
2.12
2.58
1.9
2.0
2.3
2.7
3.7
8 MHz
0.93
0.96
1.09
1.31
1.77
1.0
1.1
1.42
1.8
2.8
4 MHz
0.53
0.57
0.69
0.91
1.36
0.6
0.7
0.9
1.4
2.4
2 MHz
0.33
0.36
0.49
0.71
1.16
0.4
0.5
0.7
1.2
2.2
1 MHz
0.23
0.26
0.39
0.61
1.06
0.2
0.4
0.6
1.1
2.1
100 kHz
0.14
0.17
0.3
0.52
0.97
0.2
0.3
0.5
1.0
2.0
Range 1
80 MHz
9.71
9.78
9.95
10.2
10.8
10.6
10.7
11.1
11.6
12.7
72 MHz
8.77
8.84
9
9.27
9.8
9.6
9.7
10.0
10.6
11.7
64 MHz
7.827.898.058.328.84
8.5
8.7
9.0
9.5
10.6
48 MHz
5.87
5.93
6.1
6.36
6.88
6.4
6.6
6.9
7.4
8.5
32 MHz
3.97
4.03
4.18
4.44
4.95
4.4
4.5
4.8
5.3
6.4
24 MHz
3.02
3.07
3.22
3.47
3.99
3.3
3.5
3.7
4.3
5.4
16 MHz
2.07
2.11
2.26
2.51
3.02
2.3
2.4
2.7
3.2
4.3
IDD_ALL
(LPRun)
Supply
current in
low-power
run mode
fHCLK = fMSI
all peripherals disable
FLASH in power-down
2 MHz
258
296
430
665
1140
295
402
634
1154
2180
µA
1 MHz
136
180
314
550
1020
170
283
530
1034
2065
400 kHz
78.5
109
241
475
951
90
206
458
958
1991
100 kHz
37.4
78.1
208
440
918
53
171
429
925
1957
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com