Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 136 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 136 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 132Page - STMicroelectronics STM32L496AE Datasheet HTML 133Page - STMicroelectronics STM32L496AE Datasheet HTML 134Page - STMicroelectronics STM32L496AE Datasheet HTML 135Page - STMicroelectronics STM32L496AE Datasheet HTML 136Page - STMicroelectronics STM32L496AE Datasheet HTML 137Page - STMicroelectronics STM32L496AE Datasheet HTML 138Page - STMicroelectronics STM32L496AE Datasheet HTML 139Page - STMicroelectronics STM32L496AE Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 262 page
background image
Table 45. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
--
VDD
25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD_ALL
(Stop 1)
Supply current
in Stop 1
mode,
RTC disabled
-
LCD
disabled
1.8 V
11.2
30.7
107
243
523
25.4
79.6
287
651
1395
µA
2.4 V
11.3
30.8
108
244
526
25.5
79.8
288
655
1403
3 V
11.6
31
108
245
530
25.9
80.5
290
659
1413
3.6 V
11.9
31.5
109
248
536
28.6
81.4
293
665
1428
-
LCD
enabled(2)
clocked by
LSI
1.8 V
11.7
29.7
102
234
504
27.1
81.1
288.5
653
1397
2.4 V
11.7
29.9
102
234
506
27.2
81.0
289
656
1405
3 V
12.1
29.9
103
234
508
27.4
81.6
291
660
1415
3.6 V
12.2
30.1
103
235
510
28.8
82.4
294
667
1429
IDD_ALL
(Stop 1 with
RTC)
Supply current
in stop 1
mode,
RTC enabled
RTC clocked by
LSI
LCD
disabled
1.8 V
11.9
31.1
108
243
523
26.6
80.5
288
652
1396
µA
2.4 V
12.1
31.4
108
244
528
26.7
80.9
289
656
1404
3 V
12.4
31.7
109
246
531
27.7
81.6
291
660
1415
3.6 V
12.6
32.3
110
249
537
28.9
82.8
295
667
1429
LCD
enabled(2)
1.8 V
11.7
30.1
104
235
510
26.7
80.6
288
653
1397
2.4 V
11.8
30.2
104
238
511
26.7
81.1
290
657
1406
3 V
11.8
30.5
104
238
515
28.3
81.8
2912
661
1416
3.6 V
12.3
31
105
239
519
30.9
83.0
295
668
1430
RTC clocked by
LSE bypassed
at 32768 Hz
LCD
disabled
1.8 V
11.8
31.3
108
243
523
-
-
-
-
-
2.4 V
11.9
31.6
108
244
527
-
-
-
-
-
3 V
12.7
31.9
109
246
531
-
-
-
-
-
3.6 V
12.7
32.5
111
249
537
-
-
-
-
-
RTC clocked by
LSE quartz(3) in
low drive mode
LCD
disabled
1.8 V
11.5
29
100
268
-
-
-
-
-
-
2.4 V
11.5
29.2
101
268
-
-
-
-
-
-
3 V
12
29.4
102
270
-
-
-
-
-
-
3.6 V
12.1
31.7
103
272
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com