Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TARS-HCASS Arkusz danych(PDF) 3 Page - Honeywell Solid State Electronics Center

Numer części TARS-HCASS
Szczegółowy opis  Transportation Attitude Reference Sensor (TARS Series)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

TARS-HCASS Arkusz danych(HTML) 3 Page - Honeywell Solid State Electronics Center

  TARS-HCASS Datasheet HTML 1Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
Sensing and Internet of Things
3
Transportation Attitude Reference Sensor (TARS Series)
Table 3. Electrical Characteristics • TARS-HCASS Catalog Listing
Characteristic
Min.
Nominal
Max.
Unit
Supply voltage
9
14/28
36
V
Supply current
–
–
100
mA
Reverse voltage
–
–
-36
V
Overvoltage
–
–
36
V
Start-up time
500
–
2000
mSec
Short circuit protection
CAN output shorted to power line and ground
Open circuit protection
Single-line interruption and multiple-line interruption
Reset response
Automatic after voltage drop
CAN output characteristics per SAE J1939
CAN Bus data rate
–
250
–
kBaud
Signal update rate
–
–
100
Hz
Table 4. Environmental Specifications
Characteristic
Parameter
Operating temperature
-40 °C to 85 °C [40 °F to 185 °F]
Storage temperature
-40 °C to 105 °C [40 °F to 221 °F]
Housing
PBT thermoplastic
Random vibration
8 hours per axis at 16.91 g RMS
per MIL-STD-202, Method 214, Test Condition I, Letter E
Mechanical shock
50 g 11 mS half-sine pulse, 3 each direction, 18 total, per MIL-STD-202, Method 213
Chemical compatibility
Diesel fuel, hydraulic oil, ethylene glycol, motor oil, brake fluid, urea nitrogen, liquid lime,
NPK fertilizer, ammonium hydroxide, alkaline degreaser, transmission oil, power steering
fluid, and axle oil
Moisture resistance
per MIL-STD-202, Method 106 (10 cycles, 24 hours/cycle)
Thermal shock
250 cycles, -40 °C to 85 °C, 73 min dwell
Salt spray
5 % salt solution, 96 hours
Ingress protection
IP67, IP69K (DIN40050-1993) with mating connector installed
RoHS
Compliant
REACH
Compliant
UV rating
Enclosure material meets outdoor suitability requirements per UL746C F1 rating
Table 5. EMC Specifications
Characteristic
Standard
Test Level, Frequency
Radiated immunity
ISO 11452-2
125 V/m, 400 MHz to 2.5 GHz
Bulk current injection
ISO 11452-4: 2011
125 mA, 1 MHz to 400 MHz
Radiated emission
ISO 13766
30 MHz to 1 GHz
Mutual coupling
ISO 7637-3
Test pulse A, Test pulse B (-80 V, 80 V)
ESD direct contact discharge
ISO 10605
±8 kV
ESD air discharge
ISO 10605
±15 kV



Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com