Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L4P5CE Arkusz danych(PDF) 110 Page - STMicroelectronics

Numer części STM32L4P5CE
Szczegółowy opis  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE Arkusz danych(HTML) 110 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 106Page - STMicroelectronics STM32L4P5CE Datasheet HTML 107Page - STMicroelectronics STM32L4P5CE Datasheet HTML 108Page - STMicroelectronics STM32L4P5CE Datasheet HTML 109Page - STMicroelectronics STM32L4P5CE Datasheet HTML 110Page - STMicroelectronics STM32L4P5CE Datasheet HTML 111Page - STMicroelectronics STM32L4P5CE Datasheet HTML 112Page - STMicroelectronics STM32L4P5CE Datasheet HTML 113Page - STMicroelectronics STM32L4P5CE Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 311 page
background image
40
40
40
40
55
56
E6
C7
90
90
A7
A7
133 134
A5
A5
PB4
(NJTRST)
I/O
FT
_fa
(4)
NJTRST, TIM3_CH1,
OCTOSPIM_P1_IO5,
I2C3_SDA,
SPI1_MISO,
SPI3_MISO,
USART1_CTS_NSS,
UART5_RTS_DE,
TSC_G2_IO1,
DCMI_D12/PSSI_D1
2, SDMMC2_D3,
SAI1_MCLK_B,
TIM17_BKIN,
EVENTOUT
COMP2_INP
41
41
41
41
56
57
C7
B7
91
91
C5
C5
134 135
B5
B5
PB5
I/O
FT
_la
-
LPTIM1_IN1,
TIM3_CH2,
OCTOSPIM_P1_IO0,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI,
USART1_CK,
UART5_CTS,
TSC_G2_IO2,
DCMI_D10/PSSI_D1
0, COMP2_OUT,
SAI1_SD_B,
TIM16_BKIN,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More