| Zakładka z wyszukiwarką danych komponentów |
|
TMS320DM647_0804 Arkusz danych(PDF) 138 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647_0804 Arkusz danych(HTML) 138 Page - Texas Instruments |
|
138 / 182 page ![]() HCS HAS HCNTL[1:0] HR/W HHWIL HSTROBE HD[15:0] HRDY 16 15 37 13 14 16 15 37 13 3 1 2 3 1 2 38 7 4 6 TMS320DM647/TMS320DM648 Digital Media Processor SPRS372B – MAY 2007 – REVISED APRIL 2008 www.ti.com A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5). Figure 6-41. HPI16 Read Timing (HAS Not Used, Tied High) 138 Peripheral Information and Electrical Specifications Submit Documentation Feedback |