| Zakładka z wyszukiwarką danych komponentów |
|
AM261...ZNC Arkusz danych(PDF) 107 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC Arkusz danych(HTML) 107 Page - Texas Instruments |
|
107 / 218 page ![]() PORz RST4 WARMRSTn RST5 RST6 Figure 6-5. WARMRSTn Switching Characteristics 6.11.3.2.3 WARMRSTn Timing Requirements NO. PARAMETER DESCRIPTION MIN MAX UNIT RST10 tw(WARMRSTnL) (1) Pulse Width minimum, WARMRSTn active (low) 500 16384000 ns (1) This timing parameter is controlled by the TOP_RCM.WARM_RSTTIME1/2/3 registers. See the Reset section of the Technical Reference Manual for more details. WARMRSTn RST10 Figure 6-6. WARMRSTn Timing Requirements and Switching Characteristics 6.11.3.3 Safety Signal Timing Tables and figures provided in this section define switching characteristics for SAFETY_ERRORn. 6.11.3.3.1 SAFETY_ERRORn Switching Characteristics NO. PARAMETER DESCRIPTION MIN MAX UNIT SFTY1 tc(SAFETY_ERRORn) Cycle time minimum, SAFETY_ERRORn (PWM mode enabled) (P(1) × H(3)) + (P(1) × L)(4) ns SFTY2 tw(SAFETY_ERRORn) Pulse width minimum, SAFETY_ERRORn active (PWM mode disabled)(5) P(1) × R(2) ns SFTY3 td(ERROR_CONDITIO N-SAFETY_ERRORnL) Delay time, ERROR_CONDITION to SAFETY_ERRORn active(5) 50 × P(1) ns (1) P = ESM functional clock (2) R = Error Pin Counter Pre-Load Register count value (3) H = Error Pin PWM High Pre-Load Register count value (4) L = Error Pin PWM Low Pre-Load Register count value (5) When PWM mode is enabled, SAFETY_ERRORn stops toggling after SFTY3 and will maintain its value (either high or low) until the error is cleared. When PWM mode is disabled, SAFETY_ERRORn is active low www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 107 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |