| Zakładka z wyszukiwarką danych komponentów |
|
R7KA8M2AFDCAM Arkusz danych(PDF) 130 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFDCAM Arkusz danych(HTML) 130 Page - Renesas Technology Corp |
|
130 / 295 page ![]() Oscillator IRQ Internal reset (low is valid) Reset exception handling start Deep Software Standby mode Deep Software Standby reset (low is valid) tDSBY tDSBYWT Figure 2.35 Deep Software Standby mode cancellation timing 2.3.5 NMI and IRQ Noise Filter Table 2.55 NMI and IRQ noise filter Parameter Symbol Min Typ Max Unit Test conditions NMI pulse width tNMIW 200 — — ns NMI digital filter disabled tPcyc × 2 ≤ 200 ns tPcyc × 2*1 — — tPcyc × 2 > 200 ns 200 — — NMI digital filter enabled tNMICK × 3 ≤ 200 ns tNMICK × 3.5*2 — — tNMICK × 3 > 200 ns IRQ pulse width tIRQW 200 — — ns IRQ digital filter disabled tPcyc × 2 ≤ 200 ns tPcyc × 2*1 — — tPcyc × 2 > 200 ns 200 — — IRQ digital filter enabled tIRQCK × 3 ≤ 200 ns tIRQCK × 3.5*3 — — tIRQCK × 3 > 200 ns Note: 200 ns minimum in Software Standby mode. Note: If the system clock source is switched, add 4 clock cycles of the switched source. Note 1. tPcyc indicates the PCLKB cycle. Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock. Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock. tNMIW NMI Figure 2.36 NMI interrupt input timing RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 130 of 295 |