| Zakładka z wyszukiwarką danych komponentów |
|
E5DC-RX2AUM-002 Arkusz danych(PDF) 106 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Arkusz danych(HTML) 106 Page - Omron Electronics LLC |
|
106 / 138 page ![]() E5EC-T/E5AC-T 106 External Connections E5EC-T/E5AC-T Isolation/Insulation Block Diagrams Models with 4 Auxiliary Outputs Note: Auxiliary outputs 1 to 2 and 3 to 4 are not insulated. - + - + Models with 2 Output: Linear Current Output and Voltage (for Driving SSR) 3 4 5 6 CQ OUT1 C OUT2 Q 010 Four event inputs and one CT 008 (6) Options 004 Communications and two event inputs 019 Six event inputs, one CT, and transfer output 022 Communications, four event inputs, and transfer output 021 Six event inputs and transfer output Transfer output (5) Sensor (Temperature/Analog) Input V − 23 V 24 + 22 TC 22 + − mA − + 23 22 23 24 Pt I 24 22 23 24 A B B (2) Auxiliary Outputs 7 8 11 12 Auxiliary outputs 1 to 4 9 10 Auxiliary output 2 Auxiliary output 1 Auxiliary output 4 Auxiliary output 3 Potentiometer input 19 20 21 C W O + − (1)Control Outputs Models with 1 Relay Output Models with 1 Voltage Output (for Driving SSR) 3 4 5 6 3 4 5 6 RX QX Q R OUT1 OUT1 + + + + − − − − Models with 2 Voltage Outputs (for Driving SSR) Models with Voltage Output (for Driving SSR) and Relay Output Models with 1 Linear Current Output 3 4 5 6 3 4 5 6 3 4 5 6 QR CX QQ Q Q C R Q OUT1 OUT2 OUT1 OUT1 OUT2 − + − + Models with 2 Relay Outputs Models with 2 Linear Current Outputs 3 4 5 6 3 4 5 6 RR/PR CC R R C C OUT1 OUT1 OUT2 OUT2 2 (no polarity) (3) Input Power Supply 100 to 240 VAC 1 24 VAC/DC 1 2 (-) 19 20 21 13 14 15 17 18 16 EV1 EV2 B(+) A(-) RS-485 21 19 20 17 18 15 16 13 14 EV1 EV2 B(+) A(-) RS-485 CT1 21 19 20 16 17 18 13 14 15 EV1 EV2 EV3 EV4 CT1 − 33 32 31 30 29 28 + + 13 14 15 16 17 18 19 20 21 V I EV1 EV2 EV3 EV4 EV5 EV6 28 29 30 32 31 33 13 14 15 16 17 18 19 20 21 + − + V I EV1 EV2 EV5 EV6 B(+) A(-) RS-485 23 24 11 12 35 36 19 20 21 22 9 10 31 32 33 34 2 25 7 8 17 5 6 29 30 3 4 26 27 28 113 14 15 16 18 21 + + − 19 20 16 17 18 13 14 15 29 30 31 32 33 28 V I EV1 EV2 EV3 EV4 EV5 EV6 CT1 Voltage output (for driving SSR) 12 VDC, 21 mA Relay output 250 VAC, 5 A (resistive load) Linear current output 0 to 20 mA DC 4 to 20 mA DC Load: 500 Ω max. Linear current output 0 to 20 mA DC Voltage output (for driving SSR) 12 VDC, 40 mA 21 mA if there are two control outputs Load: 500 Ω max. 4 to 20 mA DC Relay output 250 VAC, 5A (resistive load) Control output 1 Auxiliary outputs Control output 2 Relay output 250 VAC, 2 A (resistive load) 005 Four event inputs 21 19 20 16 17 18 13 14 15 EV1 EV2 EV3 EV4 Communications, two event inputs, and one CT Transfer output Transfer output E5EC M 4 5 (1) (2) (3) (4) (5) (6) Terminal type E5AC M 4 5 (1) (2) (3) (4) (5) (6) Terminal type T T Models with 4 auxiliary outputs: The E5 @C-T is set for a K-type thermocouple (input type = 5) by default. An input error ( s.err) will not occur if the input type setting does not agree with the temperature sensor. Check the input type. (-) (-) (-) (-) (-) (-) (-) (-) (-) (-) (-) (-) (-) Use no-voltage inputs for the event inputs. The polarity for non-contact inputs is given in parentheses. Note: 1. The application of the terminals depends on the model. 2. Do not wire the terminals that are shown with a gray background. 3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less. If the cable length exceeds 30 m, compliance with EMC standards will not be possible. 4. Connect M3 crimped terminals. 5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring). Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring (internal wiring). Sensor input, CT input, potentiometer input, and remote SP input Communications and event inputs Voltage output (for driving SSR), linear current output, and transfer output Relay output Auxiliary outputs 1, 2 Auxiliary outputs 3, 4 : Reinforced insulation : Functional isolation Power Supply |