| Zakładka z wyszukiwarką danych komponentów |
|
E5DC-RX2ASM-017 Arkusz danych(PDF) 102 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2ASM-017 Arkusz danych(HTML) 102 Page - Omron Electronics LLC |
|
102 / 138 page ![]() E5EC-T/E5AC-T 102 *1. With set values 1, 4 and 5, the upper and lower limit values can be set independently for each alarm type, and are expressed as “L” and “H.” *2. Set value: 1, Upper- and lower-limit alarm *3. Set value: 4, Upper- and lower-limit range *4. Set value: 5, Upper- and lower-limit with standby sequence For Upper- and Lower-Limit Alarm Described Above *2 • Case 1 and 2 Always OFF when the upper-limit and lower-limit hysteresis overlaps. • Case 3: Always OFF *5. Set value: 5, Upper- and lower-limit with standby sequence Always OFF when the upper-limit and lower-limit hysteresis overlaps. *6. Refer to the E5 @C-T Digital Temperature Controllers Programmable Type User's Manual (Cat. No. H185) for information on the operation of the standby sequence. *7. Refer to the E5 @C-T Digital Temperature Controllers Programmable Type User's Manual (Cat. No. H185) for information on the loop burnout alarm (LBA). This setting cannot be used with a position-proportional model. *8. Refer to the E5 @C-T Digital Temperature Controllers Programmable Type User's Manual (Cat. No. H185) for information on the PV change rate alarm. *9. When heating/cooling control is performed, the MV absolute upper limit alarm functions only for the heating operation and the MV absolute lower limit alarm functions only for the cooling operation. LH H<0, L>0 |H| < |L| SP Case 1 LH H>0, L<0 |H| > |L| SP Case 2 L H H<0, L<0 SP L H H<0, L>0 |H| ≥ |L| SP L H H>0, L<0 |H| ≤ |L| SP Case 3 (Always ON) LH H<0, L>0 |H| < |L| SP Case 1 LH H>0, L<0 |H| > |L| SP Case 2 L H H<0, L<0 SP L L H H<0, L>0 |H| ≥ |L| SP H H>0, L<0 |H| ≤ |L| SP Case 3 (Always OFF) |