| Zakładka z wyszukiwarką danych komponentów |
|
ST20-C1 Arkusz danych(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Arkusz danych(HTML) 137 Page - STMicroelectronics |
|
137 / 205 page ![]() 137/205 8 Instruction Set Reference ® run run process Code: 23 F3 Description: Spawn a new process. Add the new process to the back of the process queue defined b y the control block at SchedulerQptr. The task descriptor of the process is in Areg; this identifies the process descr iptor block. The instruction pointer and work space pointer must have been written in the process descriptor block of the process at offsets pw.Iptr and pw.Wptr words. Definition: if ( run trap handler installed) take run trap else { if (word [SchedulerQptr @ q.FPtrLoc] = NotProcess) -- queue is empty { word ′[SchedulerQptr @ q.FPtrLoc] ← Areg word ′[SchedulerQptr @ q.BPtrLoc] ← Areg } else { word ′[ word [SchedulerQptr @ q.BPtrLoc] @ pw.Link] ← Areg word ′[SchedulerQptr @ q.BPtrLoc] ← Areg } Areg ′← undefined Breg ′← undefined Creg ′← undefined } Status Register: No effect Comments: Secondary instruction. Areg must be word aligned (i.e. divisible by 4). This instruction may require up to three on-chip memory accesses and one off- chip. This may affect interrupt latency. See also: dequeue enqueue signal stop Chapter 7 . |