| Zakładka z wyszukiwarką danych komponentów |
|
ST20-C1 Arkusz danych(PDF) 153 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Arkusz danych(HTML) 153 Page - STMicroelectronics |
|
153 / 205 page ![]() 153/205 8 Instruction Set Reference ® stop stop process Code: 23 F4 Description: Terminate the current process, saving the current Iptr and Wptr for later use, and start the next process from the scheduling queue. If the scheduling queue is empty then the CPU will become idle. This instruction is implemented in two stages to protect interrupt latency. The first stage deschedules the current process and sets the start_next_task status bit. The second stage clears the start_next_task status bit and starts the next process. An interrupt may occur between the two stages. Definition: if ( stop trap handler installed) take stop trap else { word ′[Tdesc @ pw.Iptr] ← next instruction word ′[Tdesc @ pw.Wptr] ← Wptr Status ′ local_interrupt_enable ← set Status ′ overflow ← clear Status ′ undeflo w ← clear Status ′ carry ← clear Status ′ interrupt_mode ← clear Status ′ trap_mode ← clear Status ′ start_next_task ← clear Status ′ timeslice_count ← MaxTimesliceCount -- start next process on scheduling queue if (frontptr = NotProcess) -- queue is empty, so become idle { Status ′ sleep ← set Status ′ user_mode ← clear if ( idle trap handler installed) take idle trap else set idle } else -- processes waiting, so start next process { Status ′ sleep ← clear Status ′ user_mode ← set Tdesc ′← frontptr Wptr ′← word [frontptr @ pw.Wptr] |