| Zakładka z wyszukiwarką danych komponentów |
|
ST72104G Arkusz danych(PDF) 130 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72104G Arkusz danych(HTML) 130 Page - STMicroelectronics |
|
130 / 135 page ![]() ST72104G, ST72215G, ST72216G, ST72254G 130/135 15.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE Customer code is made up of the ROM contents and the list of the selected options (if any). The ROM contents are to be sent on diskette, or by electronic means, with the S19 hexadecimal file generated by the development tool. All unused bytes must be set to FFh. The selected options are communicated to STMicroelectronics using the correctly completed OPTION LIST appended. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Figure 100. ROM Factory Coded Device Types Figure 101. FLASH User Programmable Device Types DEVICE PACKAGE TEMP. RANGE XXX / Code name (defined by STMicroelectronics) 1= standard 0 to +70 °C 6= industrial -40 to +85 °C 7= automotive -40 to +105 °C 3 = automotive -40 to +125 °C B= Plastic DIP M= Plastic SOIC ST72104G1, ST72104G2, ST72215G2, ST72216G1, ST72254G1, ST72254G2 DEVICE PACKAGE TEMP. RANGE 1= standard 0 to +70 °C 6= industrial -40 to +85 °C 7= automotive -40 to +105 °C 3 = automotive -40 to +125 °C B= Plastic DIP M= Plastic SOIC ST72C104G1, ST72C104G2, ST72C215G2, ST72C216G1, ST72C254G1, ST72C254G2 |