| Zakładka z wyszukiwarką danych komponentów |
|
H8S2245 Arkusz danych(PDF) 491 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Arkusz danych(HTML) 491 Page - Renesas Technology Corp |
|
491 / 818 page ![]() Section 12 Serial Communication Interface (SCI) Rev.3.00 Mar. 26, 2007 Page 449 of 772 REJ09B0355-0300 Figure 12.11 shows an example of SCI operation for transmission using the multiprocessor format. TDRE TEND 0 1 frame D0 D1 D7 0/1 1 0 D0 D1 D7 0/1 1 1 1 Data Start bit Multi- proce- ssor bit Stop bit Start bit Data Multi- proces- sor bit Stop bit TXI interrupt request generated Data written to TDR and TDRE flag cleared to 0 in TXI interrupt service routine TEI interrupt request generated Idle state (mark state) TXI interrupt request generated Figure 12.11 Example of SCI Operation in Transmission (Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit) Multiprocessor serial data reception: Figure 12.12 shows a sample flowchart for multiprocessor serial reception. The following procedure should be used for multiprocessor serial data reception. |