| Zakładka z wyszukiwarką danych komponentów |
|
H8S2245 Arkusz danych(PDF) 692 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Arkusz danych(HTML) 692 Page - Renesas Technology Corp |
|
692 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 650 of 772 REJ09B0355-0300 PGDDR—Port G Data Direction Register H'FEBF Port G 7 — Undefined — Undefined — 6 — Undefined — Undefined — 5 — Undefined — Undefined — 4 PG4DDR 1 W 0 W 3 PG3DDR 0 W 0 W 0 PG0DDR 0 W 0 W 2 PG2DDR 0 W 0 W 1 PG1DDR 0 W 0 W Specify input or output for individual port G pins Bit Modes 1, 4, 5 Initial value Read/Write Modes 2, 3, 6, 7 Initial value Read/Write : : : : : ICRA—Interrupt Control Register A H'FEC0 Interrupt Controller ICRB—Interrupt Control Register B H'FEC1 Interrupt Controller ICRC—Interrupt Control Register C H'FEC2 Interrupt Controller 7 ICR7 0 R/W 6 ICR6 0 R/W 5 ICR5 0 R/W 4 ICR4 0 R/W 3 ICR3 0 R/W 0 ICR0 0 R/W 2 ICR2 0 R/W 1 ICR1 0 R/W Bit Initial value Read/Write : : : Sets the interrupt control level for interrupts ICRA ICRB ICRC Register 7 IRQ0 — 6 IRQ1 A/D converter 5 IRQ2 IRQ3 TPU channel 0 — 4 IRQ4 IRQ5 TPU channel 1 SCI channel 0 3210 IRQ6 IRQ7 TPU channel 2 SCI channel 1 DTC — SCI channel 2 — — — — Bits Correspondence between Interrupt Sources and ICR Settings Watchdog timer — 8-bit timer channel 0 8-bit timer channel 1 |