| Zakładka z wyszukiwarką danych komponentów |
|
HD64F2149YV Arkusz danych(PDF) 901 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Arkusz danych(HTML) 901 Page - Renesas Technology Corp |
|
901 / 1075 page ![]() Appendix A Instruction Set Rev. 3.00 Jan 18, 2006 page 873 of 1044 REJ09B0280-0300 Instruction 123 456 789 SUBS #1/2/4,ERd R:W NEXT SUBX #xx:8,Rd R:W NEXT SUBX Rs,Rd R:W NEXT TAS @ERd* 5 R:W 2nd R:W NEXT R:B:M EA W:B EA TRAPA #x:2 Advanced R:W NEXT Internal operation, 1 state W:W Stack (L) W:W Stack (H) W:W Stack (EXR) R:W:M VEC R:W VEC+2 Internal operation, 1 state R:W * 8 XOR.B #xx8,Rd R:W NEXT XOR.B Rs,Rd R:W NEXT XOR.W #xx:16,Rd R:W 2nd R:W NEXT XOR.W Rs,Rd R:W NEXT XOR.L #xx:32,ERd R:W 2nd R:W 3rd R:W NEXT XOR.L ERs,ERd R:W 2nd R:W NEXT XORC #xx:8,CCR R:W NEXT XORC #xx:8,EXR R:W 2nd R:W NEXT Reset excep- tion handling Advanced R:W:M VEC R:W VEC+2 Internal operation, 1 state R:W * 6 Interrupt excep- tion handling Advanced R:W * 7 Internal operation, 1 state W:W Stack (L) W:W Stack (H) W:W Stack (EXR) R:W:M VEC R:W VEC+2 Internal operation, 1 state R:W * 8 Notes: 1. EAs is the contents of ER5. EAd is the contents of ER6. 2. EAs is the contents of ER5. EAd is the contents of ER6. Both registers are incremented by 1 after execution of the instruction. n is the initial value of R4L or R4. If n = 0, these bus cycles are not executed. 3. Repeated two times to save or restore two registers, three times for three registers, or four times for four registers. 4. Start address after return. 5. Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction. 6. Start address of the program. 7. Prefetch address, equal to two plus the PC value pushed onto the stack. In recovery from sleep mode or software standby mode the read operation is replaced by an internal operation. 8. Start address of the interrupt-handling routine. |