| Zakładka z wyszukiwarką danych komponentów |
|
HD64F2149YV Arkusz danych(PDF) 923 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Arkusz danych(HTML) 923 Page - Renesas Technology Corp |
|
923 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 895 of 1044 REJ09B0280-0300 MRB—DTC Mode Register B H'EC00–H'EFFF DTC 7 CHNE Undefined — 6 DISEL Undefined — 5 — Undefined — 4 — Undefined — 3 — Undefined — 0 — Undefined — 2 — Undefined — 1 — Undefined — Bit Initial value Read/Write DTC interrupt select 0 After a data transfer ends, the CPU interrupt is disabled unless the transfer counter is 0 1 After a data transfer ends, the CPU interrupt is enabled DTC chain transfer enable 0 End of DTC data transfer 1 DTC chain transfer SAR—DTC Source Address Register H'EC00–H'EFFF DTC 23 Unde- fined — Bit Initial value Read/Write 22 Unde- fined — 21 Unde- fined — 20 Unde- fined — 19 Unde- fined — 4 Unde- fined — 3 Unde- fined — 2 Unde- fined — 1 Unde- fined — 0 Unde- fined — - - - - - - - - - - - - Specifies DTC transfer data source address DAR—DTC Destination Address Register H'EC00–H'EFFF DTC 23 Unde- fined — Bit Initial value Read/Write 22 Unde- fined — 21 Unde- fined — 20 Unde- fined — 19 Unde- fined — 4 Unde- fined — 3 Unde- fined — 2 Unde- fined — 1 Unde- fined — 0 Unde- fined — - - - - - - - - - - - - Specifies DTC transfer data destination address |