| Zakładka z wyszukiwarką danych komponentów |
|
HD64F2149YV Arkusz danych(PDF) 981 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Arkusz danych(HTML) 981 Page - Renesas Technology Corp |
|
981 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 953 of 1044 REJ09B0280-0300 TCNT0—Timer Counter 0 H'FFA8 (W), H'FFA9 (R) WDT0 TCNT1—Timer Counter 1 H'FFEA (W), H'FFEB (R) WDT1 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 0 0 R/W 2 0 R/W 1 0 R/W Bit Initial value Read/Write Up-counter PAODR—Port A Output Data Register H'FFAA Port A 7 PA7ODR 0 R/W 6 PA6ODR 0 R/W 5 PA5ODR 0 R/W 4 PA4ODR 0 R/W 3 PA3ODR 0 R/W 0 PA0ODR 0 R/W 2 PA2ODR 0 R/W 1 PA1ODR 0 R/W Bit Initial value Read/Write Output data for port A pins PAPIN—Port A Input Data Register H'FFAB (R) Port A 7 PA7PIN —* R 6 PA6PIN —* R 5 PA5PIN —* R 4 PA4PIN —* R 3 PA3PIN —* R 0 PA0PIN —* R 2 PA2PIN —* R 1 PA1PIN —* R Bit Initial value Read/Write Note: * Determined by state of pins PA7 to PA0. Port A pin states PADDR—Port A Data Direction Register H'FFAB (W) Port A 7 PA7DDR 0 W 6 PA6DDR 0 W 5 PA5DDR 0 W 4 PA4DDR 0 W 3 PA3DDR 0 W 0 PA0DDR 0 W 2 PA2DDR 0 W 1 PA1DDR 0 W Bit Initial value Read/Write Specification of input or output for port A pins |